PART |
Description |
Maker |
S8740220 |
Si Push Pull, 40 - 870MHz, 21.5dB min. Gain @ 870MHz, 235mA max. @ 24VDC Si Push Pull, 40 - 870MHz, 18.5dB min. Gain @870MHz, 240mA max. @ 24VDC
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
S8740260GT |
GaAs Push Pull Hybrid 40 - 870MHz 26.0dB min. Gain @ 870MHz 240mA max. @ 24VDC
|
PREMIER DEVICES, INC.
|
D8740200GT |
GaAs Power Doubler, 40 - 870MHz, 20.5dB min. Gain @ 870MHz, 375mA max. @ 24VDC
|
http:// PREMIER DEVICES, INC.
|
D8740150GT |
GaAs Power Doubler, 40 - 870MHz, 15.5dB min. Gain @ 870MHz, 375mA max. @ 24VDC
|
PREMIER DEVICES, INC.
|
D8740320GT |
GaAs Power Doubler, 40 - 870MHz, 32.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC
|
PREMIER DEVICES, INC.
|
D8740240GTH |
GaAs Power Doubler, 40 - 870MHz, 24.0dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
|
http:// PREMIER DEVICES, INC.
|
FP203 |
Push-Pull Circuits
|
Sanyo Semicon Device
|
ADM1815-10AKS-REEL ADM1815-10AKS-RL7 ADM1815-10ART |
Microprocessor Supervisory in SOT-23 with Active Low Push-Pull Output Choices Microprocessor Supervisory in SOT-23 with Active High and Low Push-Pull Output, Positive Reset Output Microprocessor Supervisory in SOT-23 with Low Active OpenDrain Output Choices Microprocessor Supervisory in SOT-23 with Active Low Open Drain Output Choices Microprocessor Supervisory in SOT-23 with Active High Push-Pull Output Microprocessor Supervisory in SOT-23 with Open Drain Output Choices 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
|
ANALOG DEVICES INC
|
DRF1301 |
MOSFET Push-Pull Hybrid
|
Microsemi Corporation
|
809-083 |
Push-Pull Mighty Mouse
|
Glenair, Inc.
|
MCH6542 |
Push-Pull Circuit Applications
|
Sanyo Semicon Device
|
|